Part Number Hot Search : 
LTC1040M 5DT1DSTF NJU26060 BUYP52 2045C UM3161AG CJF6107 1602B
Product Description
Full Text Search
 

To Download ELANC1205UW6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wall industries, inc. 3 7 industrial drive exeter, nh 03833 03/13 /201 3 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 1 of 4 technical datasheet rev. d elanc s eries 4:1 input voltage range s single and dual outputs ?economy? version of lanc series 6 watt d c/dc power converters features ? 6 watts ? single and dual output s ? 4:1 wide input voltage range ? meets iec/en60950 and ul60950 safety standards ? rohs compliant ? high efficiency up to 83% ? industry standard footprint: 1.25? x 0.8? x 0.4? ? low output ripple & noise ? mtbf > 2,000,000 hours ? economy version of the lanc series description the elanc series of dc/dc p ower converters provides 6 watts of output power in a n industry standard 1.25" x 0.80" x 0.40" package and footprint . this series has sing le and dual output models with 4 :1 input voltage ranges of 9- 36vdc and 18 - 75vdc. some features include high efficiency , low ripple and noise, and an mtbf > 2,000,000 hours. all models are rohs compliant and meet iec/en60950 and ul60950 safety standards . the elanc series is the "economy" version of the lanc series.
rev. d elanc s eries single and dual outputs 6 watt dc/dc power converters ?economy? version of the lanc series wall industries, inc. 3 7 industrial drive exeter, nh 03833 0 3/13 /201 3 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 2 of 4 specifications: elanc s eries all spe cifications are based on 25c, nominal input voltage, and maximum output current unless otherwise noted. we reserve the right to change specifications based on technological advances. specification test conditions min nom max unit input specifications i nput voltage range 12vdc nominal input models 9 12 36 vdc 48vdc nominal input models 18 48 75 output specifications output voltage see table line regulation 0.5 % vo load regulation single output models 1.0 % vo dual output models 2.0 voltage setpoint accuracy - 3.0 +3.0 % vo voltage adjustment none output current see table output power see table ripple & noise single output models 20mhz bandwidth 60 mvp - p dual output models 0.5 %vo temperature coefficient - 0.02 +0.02 %/c dynamic response load s tep / ? v single output models 50%~75%~5 0% io, di/dt=1a/ 10 s 200 mv dual output models 5% vo recovery time single output models 200 s dual output models < 300 s isolation voltage input to output single ou tput models for 1 min ute 500 vdc dual output models 1500 input to case single output models for 1 minute 500 vdc dual output models 1500 output to case single output models for 1 minute 500 vdc dual output models 1500 general spe cifications efficiency see table environmental specifications operating ambient temperature range - 40 +85 c operating board temperature range - 40 +100 c storage temperature range - 55 +125 c mtbf > 2,000 ,000 hours physical specifications dimensions (l x w x h) 1.25 x 0.8 x 0.4 inches (31.80 x 20.30 x 10.16 mm) safety safety approvals iec/en60950, ul6095 0 *due to advances in technology, specifications subject to change without notice.
rev. d elanc s eries single and dual outputs 6 watt dc/dc power converters ?economy? version of the lanc series wall industries, inc. 3 7 industrial drive exeter, nh 03833 0 3/13 /201 3 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 3 of 4 model selection tables single output models mode l input voltage output voltage output current output power efficiency elanc123 3uw6 12 vdc (9 ? 36 vdc) 3.3 vdc 2 a 6.6w 78% ELANC1205UW6 5 vdc 1.2 a 6w 80% elanc1212uw6 12 vdc 0.5 a 6w 82% elanc1215uw6 15 vdc 0.4 a 6w 82% elanc4833uw5 48 vdc (18 ? 75 vdc) 3.3 vdc 1.5 a 5w 76% elanc4805uw6 5 vdc 1.2 a 6w 80% elanc4812uw6 12 vdc 0.5 a 6w 82% elanc4815uw6 15 vdc 0.4 a 6w 83% dual output models mode l input voltage output voltage output current output power efficiency elanc1205duw6 12 vdc (9 ? 36 vdc) 5 vdc 0.6 a 6w 80% elanc1212duw6 12 vdc 0.25 a 6w 82% elanc121 5duw6 15 vdc 0.2 a 6w 83% elanc4805duw6 48 vdc (18 ? 75 vdc) 5 vdc 0.6 a 6w 81% elanc4812duw6 12 vdc 0.25 a 6w 82% elanc4815duw6 15 vdc 0.2 a 6w 82% mechanical drawing pin connections pin single dual 2 - vin - vin 3 - vin - vin 9 no pin com 11 no connect - vo 14 + vo +vo 16 - vo com 22 +vin +vin 23 +vin +vin
rev. d elanc s eries single and dual outputs 6 watt dc/dc power converters ?economy? version of the lanc series wall industries, inc. 3 7 industrial drive exeter, nh 03833 0 3/13 /201 3 603 - 778 - 2300 www.wallindustries.com fax 603- 778 - 9797 page 4 of 4 company information wall industries, inc. has created custom and modified units for over 5 0 years. our in - house research and development engineers will provide a solution that exceeds your performance requirements on - time and on budget. our iso9001 - 2008 certification is just one example of our commitment to producin g a high quality, well documented product for our customers. our past projects demonstrate our commitment to you, our customer. wall industries, inc. has a reputation for working closely with its customers to ensure each solution meets or exceeds form, fi t and function requirements. we will continue to provide ongoing support for your project above and beyond the design and production phases. give us a call today to discuss your future projects. contact wall industries for further information: phone: ? (603)778 - 2300 toll free: ? (888)59 7- 9255 fax: ? (603)778 - 9797 e - mail: sales@wallindustries.com web: www.wallindustries.com address: 5 watson brook rd. exeter, nh 03833


▲Up To Search▲   

 
Price & Availability of ELANC1205UW6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X